ATS-01H-101-C2-R0
AI

The **ATS-01H-101-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is not an "electronic part" in the sense of a semiconductor (like a transistor or IC), it is a critical **thermal management component** used to dissipate heat from electronic devices.
Below is the technical breakdown of its parts and specifications:
---
### 1. Technical Specifications
| Feature | Detail |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Dimensions** | 40mm x 40mm x 30mm |
| **Weight** | 68 grams |
---
### 2. Key Components & Design
* **Fin Profile (Straight Fin):** The "101" series features a straight-fin design. These vertical fins increase surface area, allowing heat to transfer from the metal to the surrounding air via convection.
* **Base Plate:** A flat, thick aluminum base that makes direct contact with the heat-generating component (e.g., a CPU, FPGA, or MOSFET).
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a spring-loaded push-pin mechanism. This provides constant pressure (7-10 lbs) for optimal thermal interface contact.
* **C2 Material Code:** This indicates the use of **Aluminum 6063**, which offers a balance of high thermal conductivity and structural strength.
* **R0 Rating:** This refers to the RoHS (Restriction of Hazardous Substances) compliance, ensuring the part is environmentally safe for global distribution.
---
### 3. Thermal Performance Metrics
The effectiveness of this part depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 6.69 |
| 300 (1.5 m/s) | 2.52 |
| 500 (2.5 m/s) | 1.74 |
---
### 4. Application Use-Case
This part is typically used in:
1. **Telecommunications:** Cooling high-speed processing chips.
2. **Power Electronics:** Dissipating heat from high-voltage regulators.
3. **Embedded Systems:** Protecting industrial PCs from thermal throttling.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink in my specific project?
- ⤷ What are the dimensions of the hole pattern required for the push-pin installation?