AI

The **ATS-01G-99-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and electronic components. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "push pin" series.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Brass Spring) |
| **Thermal Resistance** | 11.55°C/W (Unducted Flow @ 1.0 m/s) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 20.00 mm |
| **Pitch** | 38.00 mm (hole-to-hole) |
---
### 2. Key Electronic Features
The "electronic" functionality of this part is passive, focusing on heat dissipation to maintain the stability of active components like CPUs, GPUs, or FPGAs.
#### A. Thermal Performance
The heatsink utilizes a **fine-pitch design** to maximize surface area. As air flows across the fins, heat is transferred from the electronic component through the base and into the ambient air.
* **Low Airflow:** High thermal resistance (approx. 11.55°C/W).
* **High Airflow:** Thermal resistance drops significantly (approx. 1.71°C/W at 3.5 m/s), indicating it is highly efficient in forced-convection environments.
#### B. Attachment Mechanism
Unlike adhesive-based heatsinks, the `C2-R0` variant uses a **push pin and spring** system:
* **Reliability:** Provides consistent pressure on the electronic package, improving thermal interface material (TIM) performance.
* **Security:** Prevents the heatsink from shifting during mechanical shock or vibration, which is critical for industrial electronics.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes pre-applied with **T766 Phase Change Material** or similar high-performance grease, ensuring immediate, high-efficiency heat transfer from the silicon die to the aluminum.
---
### 3. Dimensional Drawing (Mockup)
```text
45.00 mm (L)
<---------------->
__________________ ^
| || || || || || || | | 20.00 mm (H)
|_||_||_||_||_||_||_| v
[Base Plate/TIM]
```
---
### 4. Typical Applications
* **Networking Equipment:** High-speed routers and switches.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Single-board computers (SBCs) that require robust mechanical mounting.
- ⤷
What are the advantages of push-pin mounting over thermal tape?
- ⤷ How does the air flow velocity affect the thermal resistance of this heatsink?
- ⤷ Is this heatsink compatible with standard 45x45mm BGA packages?