công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01G-65-C2-R0

  • AI
    The **ATS-01G-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for efficient cooling of semiconductors, CPUs, and GPUs. --- ### 1. Technical Specifications The following table summarizes the core electronic and physical attributes of the component: | Feature | Specification | | :--- | :--- | | **Series** | pushPIN™ | | **Material** | Aluminum (Al) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 7.29 °C/W (at 100 LFM) | | **Dimensions (L x W)** | 45.00mm x 45.00mm | | **Height (Height Off Base)** | 20.00mm | | **Attachment Type** | Push Pin (Spring loaded) | | **Flow** | Fine-pitch (Straight Fin) | --- ### 2. Design and Component Function The part is engineered to dissipate heat from integrated circuits (ICs) into the surrounding air. Key design elements include: * **Heat Sink Profile:** It utilizes a straight-fin design, which is optimized for airflow generated by system fans. * **Thermal Interface Material (TIM):** This specific model typically comes pre-assembled with **T766** phase-change material or similar, ensuring a low thermal resistance path between the chip and the aluminum base. * **Push Pin Mechanism:** The "R0" designation refers to the attachment kit. It uses flexible push pins with internal springs to provide a consistent pressure (7-10 lbs) against the electronic component, which prevents damage to the silicon while maximizing contact. --- ### 3. Thermal Performance Analysis The efficiency of this heat sink varies based on the airflow (velocity) within the electronic enclosure: | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 100 (0.5 m/s) | 7.29 | | 300 (1.5 m/s) | 2.36 | | 500 (2.5 m/s) | 1.55 | | 700 (3.5 m/s) | 1.25 | --- ### 4. Application Use Cases * **BGA Packaging:** Ideal for cooling Ball Grid Array (BGA) components. * **Networking:** Used in routers and switches for cooling high-speed ASICs. * **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators in industrial power supplies. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Blue Anodized' finish impact the thermal emissivity of the part?
    • ⤷ What are the PCB hole requirements for the push pin mounting system used in this model?
    • ⤷ Can this heat sink be used with a custom clip instead of the provided push pins?