công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01G-34-C2-R0

  • AI
    The **ATS-01G-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part belongs to the **pushPIN™** series, known for its standardized mounting systems. | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-01G-34-C2-R0 | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions** | 35mm x 35mm x 25mm | | **Fin Type** | Square Fin | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 1.80°C/W (at 200 LFM) | --- ### 2. Key Electronic Features #### A. Thermal Resistance (Efficiency) This part is measured in **°C/W** (Celsius per Watt). A lower value indicates a more efficient heat transfer. For this specific model, the performance improves significantly as airflow (LFM - Linear Feet per Minute) increases: * **100 LFM:** ~3.00°C/W * **200 LFM:** ~1.80°C/W * **500 LFM:** ~1.10°C/W #### B. Mounting System (pushPIN™) Unlike adhesive-based heat sinks, the "pushPIN" system uses a flexible spring-loaded mechanism. This ensures: * **Constant Pressure:** Prevents the heat sink from shifting or losing contact with the chip. * **Mechanical Stability:** Better suited for high-vibration environments compared to simple thermal tape. #### C. Thermal Interface Material (TIM) The "C2" in the part number indicates that it comes pre-applied with **ATS-PPS-02** thermal grease. This eliminates the need for manual application and ensures optimal thermal conductivity between the electronic component and the aluminum base. --- ### 3. Typical Applications This component is commonly found in: * **Networking Hardware:** Routers, switches, and modems. * **Embedded Systems:** Industrial PCs and single-board computers. * **Power Supplies:** Cooling voltage regulators or power MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What are the benefits of blue anodized finish on heat sinks?
    • ⤷ How do I calculate the required LFM for my specific CPU?
    • ⤷ Can pushPIN heat sinks be reused after removal?