công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01G-33-C2-R0

  • AI
    The **ATS-01G-33-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is part of their "push pin" series designed for cooling electronic components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications Below are the primary physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Base Dimensions** | 15mm x 15mm | | **Height** | 20mm | | **Thermal Resistance** | 17.42°C/W (Natural Convection) | | **Flow Pattern** | Straight Fin | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by Advanced Thermal Solutions: * **ATS:** Prefix for Advanced Thermal Solutions. * **01G:** Refers to the specific design series (Straight Fin). * **33:** Indicates the dimensions and fin configuration code. * **C2:** Refers to the thermal interface material (TIM) applied. In this case, it usually indicates **T766** (a high-performance phase change material). * **R0:** Revision code. --- ### 3. Key Electronic Functions While the heat sink itself does not carry an electrical current, it is critical for the "Electronic Health" of a PCB system: * **Thermal Management:** It dissipates heat generated by semiconductor junctions. High temperatures can lead to "Thermal Throttling" or permanent failure of the IC. * **Mechanical Stability:** The use of **Push-Pins** and a **compression spring** ensures a constant pressure is applied between the heat sink base and the chip, maximizing the efficiency of the Thermal Interface Material (TIM). * **EMI Shielding:** In some configurations, grounded aluminum heat sinks can provide a minor degree of electromagnetic interference shielding for the component they cover. --- ### 4. Application Use Cases This specific small-form-factor heat sink (15mm x 15mm) is typically used for: 1. **Network Switches:** Cooling small ASICs or controllers. 2. **Embedded Systems:** Industrial PCs where airflow might be restricted. 3. **Power Converters:** Cooling MOSFETs or voltage regulators in high-density power modules.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using push-pins over thermal adhesive for this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with active cooling fans?