công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01G-152-C2-R0

  • AI
    The **ATS-01G-152-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other high-heat surface-mount chips. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm | | **Thermal Resistance** | 3.32°C/W (at 200 LFM) | | **Fin Type** | Straight Fin | | **Thermal Interface Material** | T766 (Pre-applied) | --- ### 2. Key Components & Design Features #### A. Thermal Interface Material (TIM) The "C2" suffix in the part number indicates that it comes with **T766 phase-change material** pre-applied to the base. This material fills microscopic gaps between the chip and the heat sink to maximize heat transfer efficiency. #### B. Push-Pin Attachment Instead of using adhesive tape, this model uses a spring-loaded push-pin mechanism. * **Benefits:** Provides consistent pressure on the component, improving thermal contact. * **Safety:** Prevents the heat sink from shifting or falling off during vibration or shipping. #### C. Fin Geometry The "G" in the part number typically refers to the fin pattern. This model features a high-density straight-fin design, which is optimized for **forced-air cooling** (environments with fans) rather than natural convection. --- ### 3. Applications This electronic part is commonly found in the following systems: * **Networking Hardware:** Switches, routers, and gateways. * **Embedded Computing:** Industrial PC boards and single-board computers (SBCs). * **Power Supplies:** Cooling voltage regulators or power transistors. --- ### 4. Part Number Breakdown The nomenclature for ATS heat sinks provides specific details about the configuration: * **ATS:** Manufacturer (Advanced Thermal Solutions) * **01G:** Series/Fin type * **152:** Dimensional code (35mm x 35mm) * **C2:** Thermal Interface Material (T766) * **R0:** Revision/Standard packaging
    ✨ Follow-up Questions
    • ⤷What are the differences between plastic and brass push-pins for this model?
    • ⤷ How do I calculate the airflow requirements for a 3.32°C/W thermal resistance?
    • ⤷ Is the T766 interface material reusable after removing the heat sink?