ATS-01F-98-C2-R0
AI

The **ATS-01F-98-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height (H)** | 20mm |
| **Thermal Resistance** | 15.31°C/W (Unducted @ 100 LFM) |
| **Fin Configuration** | Fine Pitch (Cross-cut) |
---
### 2. Design and Construction
This heat sink belongs to the **pushPIN™** line, which is engineered for versatility and ease of installation.
* **Fine Pitch Fin Design:** The "98" series features a specific fin density designed to maximize surface area for heat transfer while allowing sufficient airflow between the fins.
* **Aluminum Body:** Provides an excellent balance between weight and thermal conductivity.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also adds a layer of protection against corrosion and minor electrical insulation.
---
### 3. Attachment Mechanism
One of the defining "electronic parts" of this assembly is the mounting system:
1. **Push-Pins:** Plastic or brass pins that lock into pre-drilled holes on the Printed Circuit Board (PCB).
2. **Compression Springs:** These are integrated into the pins to provide precise downward pressure, ensuring optimal contact between the heat sink base and the electronic chip.
3. **Thermal Interface Material (TIM):** This part usually comes with a pre-applied Phase Change Material (PCM) or thermal grease on the base to fill microscopic air gaps between the component and the heat sink.
---
### 4. Application Use-Cases
* **High-Density PCBs:** Suitable for modern boards where space is limited but thermal loads are high.
* **Industrial Computing:** Used in embedded systems that require long-term reliability.
* **Telecom Hardware:** Ideal for cooling chipsets in routers and switches.
- ⤷
How does the thermal resistance of this part change under high airflow (LFM)?
- ⤷ What is the recommended PCB hole diameter for the push-pin mounting?
- ⤷ Are there alternative finish options for this specific heat sink series?