ATS-01F-52-C3-R0
AI

The **ATS-01F-52-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number reveals specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 10.88°C/W (Natural Convection) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 25mm |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Functional Components
#### A. The Fin Array
The device utilizes a **Straight Fin** design. This structure maximizes the surface area exposed to the surrounding air, allowing for efficient heat transfer from the base of the heat sink to the environment through convection.
#### B. Push-Pin Attachment Mechanism
Instead of using adhesive or screws, this part uses a **Push-Pin** system.
* **Ease of Install:** Allows for quick, tool-less assembly onto a PCB.
* **Constant Pressure:** The integrated springs ensure consistent downward force on the component, which optimizes the contact between the heat sink and the chip.
#### C. Thermal Interface Material (TIM)
The **"C3"** in the part number indicates that it comes with **T412** thermal tape or grease pre-applied.
* **Purpose:** It fills microscopic air gaps between the electronic component and the heat sink base.
* **Efficiency:** T412 is a high-performance phase-change material that reduces thermal impedance.
---
### 3. Usage Context
This heat sink is typically used in:
* **Telecommunications:** Cooling chips in routers and switches.
* **Embedded Systems:** For industrial PCs where space is limited but heat density is high.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷
How do I calculate if the 10.88°C/W thermal resistance is sufficient for my specific chip?
- ⤷ What are the benefits of Blue Anodizing over a plain aluminum finish?
- ⤷ Are there different spring tensions available for the push-pin mechanism?