ATS-01F-208-C2-R0
AI

The **ATS-01F-208-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for effective cooling of electronic components like CPUs, GPUs, and other integrated circuits.
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 70mm x 70mm x 6mm |
| **Attachment Type** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 10.50°C/W (Unducted @ 200 LFM) |
---
### 2. Key Component Features
#### A. Thermal Interface Material (T766)
This part comes with a pre-applied phase-change material. This ensures minimal air gaps between the component (the chip) and the heat sink base, maximizing heat transfer efficiency without the need for manual thermal paste application.
#### B. Push-Pin Mounting System
Instead of using adhesive tape which can fail under high heat, this model uses a mechanical mounting system:
* **Pins:** Made of durable brass.
* **Springs:** Provides consistent pressure (clamping force) to ensure the heat sink remains in contact with the component during thermal expansion and vibration.
#### C. Aluminum Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
* Increased corrosion resistance.
* Enhanced surface emissivity, which slightly improves radiative heat dissipation.
* Electrical insulation of the heat sink surface.
---
### 3. Thermal Performance Profile
The efficiency of the ATS-01F-208-C2-R0 varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 14.50 |
| 200 | 10.50 |
| 300 | 8.50 |
| 400 | 7.00 |
---
### 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed processors.
* **Industrial PCs:** Where vibration resistance is required (push-pins are more secure than tape).
* **Embedded Systems:** High-surface-area cooling in a low-profile (6mm height) form factor.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?