ATS-01F-199-C2-R0
AI

## Technical Analysis of ATS-01F-199-C2-R0
The **ATS-01F-199-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
### 1. Key Specifications
The following table highlights the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 15.83°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 6.00mm |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### 2. Design Components
#### A. The Heat Sink Body
* **Low Profile:** With a height of only 6mm, this part is ideal for space-constrained applications or dense PCB layouts.
* **Fin Configuration:** It utilizes straight fins which allow for efficient airflow in one direction, typically used in forced-air cooling environments.
* **Anodization:** The blue anodized finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiant heat transfer.
#### B. The Mounting System (Push-Pin & Spring)
Unlike adhesive-based heat sinks, the **ATS-01F-199-C2-R0** uses a mechanical mounting system:
* **Push-Pin:** A plastic pin that snaps into pre-drilled holes in the PCB.
* **Compression Spring:** Located around the pin, it provides constant pressure (measured in grams/mm) to ensure a tight interface between the component and the heat sink.
* **Benefits:** This system allows for easy removal and re-installation during maintenance, unlike thermal epoxies.
---
### 3. Thermal Performance Analysis
Thermal resistance measures how effectively the part moves heat away from the silicon. Performance improves significantly as airflow (LFM - Linear Feet per Minute) increases:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (Natural/Low)** | 15.83 |
| **300 (Medium)** | 6.99 |
| **500 (High)** | 5.23 |
---
### 4. Implementation Requirements
To use this part effectively, the electronic design must include:
1. **PCB Hole Pattern:** Two holes must be drilled into the PCB at a specific distance (usually 43mm apart for this series) to accommodate the push-pins.
2. **Thermal Interface Material (TIM):** While the hardware provides the pressure, a thermal pad or paste (like T766 or Chomerics) must be applied between the chip and the aluminum base to fill microscopic air gaps.
- ⤷
What is the recommended PCB hole diameter for this push-pin model?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with a standard 40mm fan?