ATS-01F-197-C2-R0
AI

The **ATS-01F-197-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" attachment series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Brass Spring) |
| **Thermal Resistance** | 10.90°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### Key Electronic & Mechanical Components
#### 1. Thermal Interface Material (TIM)
The "C2" suffix indicates that the part comes with **T766 thermal phase change material**. This is a critical layer that fills microscopic air gaps between the semiconductor die and the aluminum base, ensuring efficient heat transfer.
#### 2. Attachment Mechanism (Push Pins)
Instead of adhesive tapes, this model uses a mechanical push-pin system.
* **Reliability:** Provides constant pressure for better thermal contact.
* **Safety:** Prevents the heat sink from shifting during vibration or shipping.
* **Hole Pattern:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
#### 3. Material Properties
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** Besides aesthetics, the anodized layer increases surface emissivity (improving radiative heat transfer) and provides a non-conductive protective coating against corrosion.
---
### Performance Overview (Airflow vs. Resistance)
Thermal performance varies significantly based on the linear feet per minute (LFM) of airflow:
| Airflow Speed (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural) | 10.90 |
| 300 (Active) | 4.10 |
| 500 (High) | 3.10 |
---
- ⤷
What are the PCB hole diameter requirements for the ATS-01F series push pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a different height profile?