ATS-01F-166-C1-R0
AI

The **ATS-01F-166-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for effective thermal management of electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-01F-166-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
| **Fin Style** | Straight Fin |
---
### 2. Design and Components
This electronic cooling part consists of four primary integrated elements:
* **Heat Sink Body:** Constructed from high-grade aluminum to provide high thermal conductivity while remaining lightweight. The blue anodized finish provides corrosion resistance and increased emissivity.
* **Fin Profile:** The 10mm low-profile height is designed for systems with vertical space constraints (small form factor electronics).
* **Push-Pin Mounting:** Uses a tool-less attachment system. Two plastic push-pins pass through pre-drilled holes in the PCB and are secured by internal springs.
* **Thermal Interface Material (TIM):** The base comes with **T766** phase-change material. This fills microscopic air gaps between the chip and the heat sink to ensure maximum heat transfer.
---
### 3. Thermal Performance
Thermal resistance is measured by how effectively the part dissipates heat relative to airflow:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 12.18 |
| **400 (2.0 m/s)** | 8.35 |
| **600 (3.0 m/s)** | 6.77 |
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and routers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Network Hardware:** Cooling high-speed switches or ASICs.
* **Consumer Electronics:** Set-top boxes and gaming peripherals.
- ⤷
How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ What are the PCB hole requirements for mounting this specific push-pin heat sink?
- ⤷ Are there taller versions of this heat sink for higher power dissipation?