ATS-01F-161-C2-R0
AI

The **ATS-01F-161-C2-R0** is a high-performance heat sink designed by Advanced Thermal Solutions (ATS). While it is not an electronic component itself (like a resistor or IC), it is a critical thermal management part used to cool electronic devices.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01F-161-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | ~4.74°C/W @ 1.0 m/s (Airflow dependent) |
---
### 2. Core Design Features
* **Fin Geometry:** It features a "Straight Fin" design. This is optimized for systems where there is a clear, directional airflow (forced convection), allowing air to pass through the channels efficiently.
* **Material and Coating:** Made of aluminum for lightweight thermal conductivity. The **Blue Anodized** finish is not just for aesthetics; it provides a layer of protection against corrosion and slightly improves surface emissivity for radiation cooling.
* **Attachment Mechanism:** The "R0" suffix often indicates the use of the **push-pin** attachment style with a compression spring. This ensures a consistent pressure (Pre-load) against the electronic component, which is vital for maintaining a low thermal interface resistance.
---
### 3. Application in Electronics
This heat sink is typically used to cool high-heat-generating components such as:
1. **Processors (CPUs/GPUs):** Small embedded processors or microcontrollers.
2. **FPGAs & ASICs:** High-speed logic gates that generate significant heat during operation.
3. **Power Modules:** Large transistors or voltage regulators that require surface area expansion to prevent thermal throttling.
### 4. Thermal Performance Context
The efficiency of the ATS-01F-161-C2-R0 is highly dependent on **Airflow (LFM - Linear Feet per Minute)**.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (Unducted) | 4.74 |
| 400 (Unducted) | 2.57 |
| 600 (Unducted) | 2.02 |
---
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required thermal resistance for my electronic component?
- ⤷ What type of thermal interface material (TIM) is recommended for push-pin heat sinks?