ATS-01F-16-C2-R0
AI

The **ATS-01F-16-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.*
Below is a detailed breakdown of its specifications, material properties, and technical characteristics.
---
### 1. General Specifications
This part belongs to the **blueICE™** series and is designed for component-level cooling (such as CPUs, GPUs, or FPGAs).
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-01F-16-C2-R0 |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Type** | Board Level, High Performance |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 18.08°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring clearance from neighboring electronic components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height (Fin Depth):** 10.00 mm
* **Pin Pitch:** 33.00 mm
---
### 3. Material & Construction
The efficiency of a heat sink is determined by its geometry and the conductivity of its material.
* **Material:** Aluminum. Aluminum is used for its excellent thermal conductivity-to-weight ratio.
* **Finish:** Blue Anodized. The anodization provides corrosion resistance and improves emissivity (heat radiation).
* **Fin Style:** **Straight Fin**. This design is optimized for unidirectional airflow.
* **Attachment:** **Push-Pin**. This ensures a secure, high-pressure fit against the chip, improving heat transfer efficiency.
---
### 4. Performance Data (Thermal Resistance)
Thermal resistance indicates how effectively the part moves heat away from the semiconductor junction to the ambient air.
| Airflow Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 18.08 |
| 400 | 2.0 | 8.30 |
| 600 | 3.0 | 5.50 |
---
### 5. Application Usage
This electronic part is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulators.
---
- ⤷What are the benefits of using a blue anodized finish on a heat sink?
- ⤷ How does 'Push-Pin' attachment compare to adhesive thermal tape?
- ⤷ What is the importance of the T766 Thermal Interface Material?