ATS-01F-156-C2-R0
AI

The **ATS-01F-156-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40.00mm x 40.00mm |
| **Height** | 25.00mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 4.14°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Part Number Breakdown (Deciphering the Code)
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **01**: Series type (typically push-pin attachment).
* **F**: Fin pitch/density indicator.
* **156**: Specific profile identifier.
* **C2**: Color and Finish (Blue Anodized).
* **R0**: RoHS Compliance status.
---
### 3. Key Electronic Components & Usage
The ATS-01F-156-C2-R0 is an **electronic part** used for **Thermal Management**. Its role is critical in the following ways:
1. **Heat Dissipation**: It increases the surface area of a hot component (like a CPU), allowing air to carry away heat more effectively.
2. **Push-Pin Attachment**: This mechanism ensures a specific amount of pressure (force) is applied to the component, which optimizes the interface between the chip and the heat sink.
3. **Thermal Interface Material (TIM)**: Usually, these heat sinks come with a pre-applied thermal pad or require thermal paste to bridge the microscopic air gaps between the component and the metal.
4. **Airflow Dependency**: The "Straight Fin" design is optimized for environments with consistent directional airflow (forced convection).
---
### 4. Typical Applications
* **Networking Equipment**: Switches and routers.
* **Embedded Systems**: Industrial computers and controllers.
* **Power Supplies**: Cooling high-voltage regulators.
* **FPGA Cooling**: High-speed logic gates that generate significant heat.
- ⤷
What is the thermal resistance of this heat sink at higher airflow speeds?
- ⤷ How does the push-pin mounting compare to adhesive-based mounting?
- ⤷ What type of thermal interface material is recommended for the ATS-01F series?