ATS-01F-142-C2-R0
AI

The **ATS-01F-142-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions Inc. It is designed specifically for electronic components that require efficient thermal management to prevent overheating.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 1.18°C/W (@ 100 LFM) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 15.00mm |
| **Pin Pitch** | 35.00mm |
---
### 2. Key Electronic Functions
While the heat sink itself is a mechanical component, it serves critical functions within an electronic circuit:
1. **Thermal Dissipation**: It increases the surface area of a heat-generating component (like a CPU, GPU, or MOSFET), allowing the heat to transfer more efficiently into the surrounding air.
2. **Reliability Enhancement**: By keeping the junction temperature ($T_j$) of semiconductors within safe limits, it prevents thermal runaway and extends the lifespan of the electronics.
3. **Passive Cooling**: It uses a "Fine Pitch" fin design that works effectively in both natural convection and forced-air (fan) environments.
---
### 3. Mounting Mechanism (pushPIN™)
The "R0" at the end of the part number indicates the specific mounting hardware used. The **pushPIN™** system is designed for:
* **Uniform Pressure**: Ensures the thermal interface material (TIM) is compressed evenly across the component.
* **Easy Installation**: Uses a spring-loaded pin that snaps into pre-drilled holes on the PCB.
* **Secure Attachment**: Provides high vibration resistance, making it suitable for industrial or automotive electronics.
---
### 4. Application Examples
* **Embedded Systems**: Cooling microcontrollers and SoCs.
* **Power Supplies**: Managing heat for voltage regulators.
* **Telecommunications**: Cooling high-speed data processing chips.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required thermal resistance for my specific chip?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for the ATS-01F series?