ATS-01F-119-C2-R0
AI

The **ATS-01F-119-C2-R0** is a high-performance electronic component classified as a **Heat Sink**, specifically designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The following table outlines the mechanical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Part Number** | ATS-01F-119-C2-R0 |
| **Heat Sink Type** | Push-Pin (Passive Cooling) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 4.68°C/W @ 100 LFM |
| **Attachment Method** | Plastic Push-Pins with Springs |
---
### 2. Key Design Features
#### A. Fin Geometry
This model utilizes a **Straight Fin** design. This is optimized for uni-directional airflow, making it ideal for systems where a chassis fan provides a consistent stream of air over the component.
#### B. Material and Coating
* **Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not only provides aesthetic value but also increases corrosion resistance and emissivity (which slightly improves radiant heat transfer).
#### C. The "push-pin" Mounting System
The `ATS-01F-119-C2-R0` features a pre-drilled hole pattern for **Push-Pin** attachment.
* **Benefits:** This ensures consistent pressure between the heat sink and the chip, maximizing the effectiveness of the Thermal Interface Material (TIM).
* **Springs:** The pins are usually equipped with compression springs to prevent mechanical stress from damaging the PCB.
---
### 3. Application Use Cases
This specific heat sink is typically used in the following electronic environments:
1. **Network Switches/Routers:** Cooling BGAs and CPUs.
2. **Embedded Systems:** For industrial computers where airflow is managed.
3. **Power Electronics:** Dissipating heat from high-speed transistors or voltage regulators.
---
### 4. Thermal Performance Comparison
The effectiveness of this heat sink changes based on the Linear Feet per Minute (LFM) of airflow:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100** | 4.68 |
| **200** | 2.72 |
| **300** | 2.13 |
| **400** | 1.86 |
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ Are there alternative fin types (like cross-cut) available in this size?