ATS-01F-101-C2-R0
AI

The **ATS-01F-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or damage.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 6.69°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
---
### Key Electronic & Mechanical Features
#### 1. Thermal Dissipation (Efficiency)
The "C2" in the part number indicates a specific thermal performance profile. With a thermal resistance of approximately **6.69°C/W** at low airflow, it is designed for environments where cooling efficiency is critical despite limited space.
#### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this part uses a mechanical **pushPIN™** system:
* **Secure Fit:** Provides consistent pressure across the component surface to maximize thermal transfer.
* **Reliability:** Resistant to vibrations and thermal expansion cycles that often cause adhesives to fail.
* **Ease of Installation:** Uses pre-drilled holes in the PCB for quick assembly.
#### 3. Material and Coating
* **Aluminum Construction:** Offers a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Finish:** Provides a protective layer against corrosion and improves surface emissivity (radiation heat transfer).
#### 4. Fin Design
The straight-fin design is optimized for **forced air cooling** (using a fan). The gaps between the 30mm tall fins allow air to flow through the sink, carrying heat away from the baseplate connected to the electronic chip.
---
### Common Applications
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where high-profile cooling is required.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Is there a specific thermal interface material (TIM) pre-applied to this model?