ATS-01E-75-C3-R0
AI

## Technical Overview: ATS-01E-75-C3-R0
The **ATS-01E-75-C3-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). This specific part belongs to the **pushPIN™** series, designed for efficient thermal management of electronic components such as CPUs, GPUs, and high-power chipsets.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Type** | Push-Pin (R0 mechanism) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.95° C/W (at 100 LFM) |
| **Dimensions** | 25mm x 25mm x 30mm |
---
### 2. Physical Design and Dimensions
The physical geometry is critical for ensuring the heat sink fits within the spatial constraints of a Printed Circuit Board (PCB).
* **Height:** 30.00 mm (High profile for better surface area)
* **Length/Width:** 25.00 mm x 25.00 mm
* **Pitch (Hole spacing):** 30.00 mm (Standard spacing for mounting)
---
### 3. Thermal Performance Profile
Thermal resistance measures how effectively the part moves heat away from the electronic component. It is measured in degrees Celsius per Watt (°C/W).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 LFM (0.5 m/s) | 14.95 |
| 300 LFM (1.5 m/s) | 5.25 |
| 500 LFM (2.5 m/s) | 3.55 |
| 700 LFM (3.5 m/s) | 2.80 |
---
### 4. Mounting Mechanism: pushPIN™
The suffix **R0** indicates the specific hardware used for attachment:
* **Push-Pin:** Features a flexible, spring-loaded plastic or brass pin that snaps into the PCB holes.
* **Springs:** Uses a compression spring to provide precise pressure (preload) against the component, ensuring optimal thermal interface material (TIM) contact.
* **Reliability:** Designed for high-vibration environments and easy field replacement.
---
### 5. Application Use Cases
* **Embedded Systems:** Small form factor industrial PCs.
* **Telecommunications:** High-speed routers and switches where local airflow is available.
* **Power Electronics:** Voltage regulators or MOSFET arrays requiring vertical heat dissipation.
- ⤷
How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What is the recommended hole size on the PCB for the push-pin mounting?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?