ATS-01D-90-C2-R0
AI

The **ATS-01D-90-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are critical for maintaining the operational temperature of semiconductors like CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
Below are the electronic and physical properties of this specific heatsink model:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-01D-90-C2-R0 |
| **Material** | Aluminum (High Performance) |
| **Thermal Resistance** | 6.36°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Interface Material** | T766 (Thermal Grease) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic Component Breakdown
#### A. Thermal Management Strategy
This part is designed for **forced air cooling**. In electronic circuits, thermal resistance ($R_{th}$) is the equivalent of electrical resistance. The lower the °C/W value, the better the part is at dissipating heat away from sensitive electronic junctions to the ambient air.
#### B. Push-Pin Attachment Mechanism
Instead of using messy adhesives or permanent solder, this part uses a mechanical push-pin system. This is crucial for:
* **Uniform Pressure:** Ensures consistent contact between the heatsink base and the chip surface.
* **Vibration Resistance:** Securely locks the heatsink to the PCB holes, preventing movement during shipping or operation.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates it comes pre-applied with **T766 thermal grease**.
* **Function:** It fills microscopic air gaps between the heatsink and the electronic component.
* **Benefit:** Reduces "Contact Resistance," which is often the biggest bottleneck in electronic cooling.
---
### 3. Application Use Cases
This specific size and thermal profile are commonly found in the following electronic environments:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** Industrial PCs where high-height (25mm) fins are permissible for better airflow.
3. **Power Supplies:** Managing heat for MOSFETs or Voltage Regulators.
---
- ⤷
What are the airflow requirements to achieve the 6.36°C/W thermal resistance?
- ⤷ How does the push-pin mounting compare to adhesive-based heatsinks?
- ⤷ Is the T766 thermal interface material electrically conductive?