ATS-01D-85-C2-R0
AI

The **ATS-01D-85-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a push-pin heat sink designed for cooling electronic components such as CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
| **Thermal Resistance** | 8.98°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight (Fine Pitch) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
While the device itself is mechanical, its "electronic" relevance pertains to how it interacts with and protects PCB components:
#### A. Thermal Performance
The heat sink utilizes a **straight-fin design** which is optimized for high-density electronic assemblies. The low thermal resistance (measured in °C/W) ensures that heat is efficiently pulled away from the silicon die, preventing thermal throttling and component failure.
#### B. Attachment Mechanism (Push-Pin)
* **Secure Mounting:** Uses brass push-pins with a reliable compression spring.
* **PCB Compatibility:** Requires pre-drilled holes in the PCB. The spring tension ensures consistent pressure on the component, which is critical for the effectiveness of the Thermal Interface Material (TIM).
* **Vibration Resistance:** Unlike adhesive-based heat sinks, the push-pin method is resistant to mechanical shocks and vibrations common in industrial electronics.
#### C. Thermal Interface Material (T766)
The part comes with **T766 phase-change material** pre-applied. In electronics, this material fills microscopic air gaps between the heat sink and the component surface, significantly reducing contact resistance once the component reaches operating temperature.
---
### 3. Applications
* **Network Switches & Routers:** Cooling high-speed processing chips.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
* **Embedded Systems:** Protecting microcontrollers in compact enclosures.
---
- ⤷
What are the PCB hole size requirements for the ATS-01D-85-C2-R0 push-pins?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance compared to raw aluminum?
- ⤷ What is the difference between ducted and unducted airflow measurements for this heat sink?