ATS-01D-84-C2-R0
AI

The **ATS-01D-84-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, which is engineered for secure and efficient cooling of electronic integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 30.00 mm x 30.00 mm |
| **Height (H)** | 35.00 mm |
| **Pitch** | Fine Pitch |
| **Pattern** | Straight Fin |
| **Thermal Resistance** | 6.96 °C/W (@ 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Key Electronic & Mechanical Components
#### A. Fin Design (Fine Pitch)
The part utilizes a **Straight Fin** geometry. In electronic cooling, "Fine Pitch" refers to the density of the fins. Higher density increases the surface area available for heat dissipation, making it ideal for high-speed airflow environments within server racks or telecommunications equipment.
#### B. PushPIN™ Attachment System
Unlike adhesive-based heat sinks, the ATS-01D-84-C2-R0 uses a mechanical attachment system consisting of:
* **Brass Push Pins:** These snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Stainless Steel Springs:** These provide consistent "Force" or pressure (compression) on the electronic component (CPU/GPU/FPGA), ensuring a tight interface for maximum thermal transfer.
#### C. Thermal Interface Material (TIM)
This specific part number typically comes pre-applied with **T412 Phase Change Material**. This is an "electronic part" in chemical form that fills microscopic air gaps between the chip and the heatsink to lower thermal impedance.
---
### 3. Application Use Cases
This component is generally used for cooling mid-to-high power electronic devices such as:
1. **Microprocessors & FPGAs:** Where localized heat density is high.
2. **Power Supplies:** To dissipate heat from MOSFETs or voltage regulators.
3. **Network Switches:** Where vertical height (35mm) allows for significant convective cooling.
---
- ⤷
What is the difference between Blue Anodized and other finishes for heatsinks?
- ⤷ How do I calculate the correct spring force for a pushPIN attachment?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?