ATS-01D-80-C2-R0
AI

The **ATS-01D-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 🛠️ Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Series** | blueICE™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 1.90° C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 30mm x 30mm x 25mm |
| **Fin Style** | Straight Fin |
---
## 🔍 Key Electronic Components & Features
### 1. Thermal Interface Material (TIM)
The "R0" suffix indicates the inclusion of a high-performance **T766 thermal phase-change material**. This is a critical electronic "part" that fills microscopic air gaps between the semiconductor die and the metal heat sink, drastically improving heat transfer efficiency.
### 2. Push-Pin Attachment Mechanism
Instead of using messy adhesives or complicated screws, this model utilizes **dual plastic push-pins** with integrated springs.
* **Purpose:** Ensures consistent downward pressure (clamping force) on the electronic chip.
* **Safety:** Prevents the heat sink from shifting during mechanical shock or vibration, which could damage delicate surface-mount components.
### 3. Material Properties (Aluminum 6063)
While not an "active" electronic part, the AL6063 alloy is selected for its high thermal conductivity and lightweight profile. The **Blue Anodized finish** is not just for aesthetics; it increases surface emissivity, aiding in heat dissipation through radiation and protecting the metal from environmental corrosion.
---
## 📈 Performance Data (Airflow)
| Air Velocity (LFM) | Thermal Resistance (°C/W) | Pressure Drop (in-H2O) |
| :--- | :--- | :--- |
| 200 (1.0 m/s) | 1.90 | 0.16 |
| 400 (2.0 m/s) | 1.34 | 0.35 |
| 600 (3.0 m/s) | 1.10 | 0.53 |
---
## 📋 Typical Applications
This component is commonly found in the following electronic systems:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
* **Telecom:** Base station processing units.
- ⤷
What is the difference between blueICE and other ATS heat sink series?
- ⤷ How do I calculate if the 1.90 C/W thermal resistance is sufficient for my chip's TDP?
- ⤷ Can the push-pin mounting be replaced with thermal tape for this specific model?