ATS-01D-76-C2-R0
AI

The **ATS-01D-76-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for efficient cooling of integrated circuits (ICs) and other electronic packages.
---
### 1. General Specifications
The following table highlights the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01D-76-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Dimensions** | 25mm x 25mm x 15mm |
| **Thermal Resistance** | 11.57°C/W (at 200 LFM) |
---
### 2. Key Features
#### A. Fin Geometry
* **Straight Fin Design:** This heat sink utilizes a vertical straight-fin pattern. This is ideal for systems with directed airflow (forced convection), as it minimizes resistance while maximizing the surface area available for heat dissipation.
#### B. Attachment Mechanism (Push Pin)
* The model uses a **brass push pin** with a stainless steel spring.
* **Mechanical Security:** It provides a consistent, high-pressure contact between the heat sink and the electronic component (like a CPU or FPGA).
* **Pre-Drilled Holes:** This requires the PCB to have specific mounting holes to lock the pins in place.
#### C. Thermal Interface Material (TIM)
* The suffix "R0" typically indicates that the part comes with **pre-applied Thermal Interface Material** (usually a phase-change material or high-performance thermal pad).
* This ensures that the air gaps between the component and the heat sink are filled, drastically reducing thermal resistance.
---
### 3. Application Use Cases
This specific heat sink is commonly used in environments where space is limited but heat output is moderate to high:
1. **Embedded Systems:** Cooling small-form-factor processors.
2. **Telecommunications:** Cooling ASICs and network switch chips.
3. **Power Electronics:** Managing heat for voltage regulators or power transistors.
---
### 4. Thermal Performance Comparison
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 27.33 |
| 200 (Unducted) | 11.57 |
| 400 (Unducted) | 6.96 |
| 600 (Unducted) | 5.39 |
---
- ⤷
What are the PCB hole size requirements for the brass push pins on this model?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ Is there a version of this heat sink available with a different attachment method like thermal tape?