ATS-01D-65-C2-R0
AI

The **ATS-01D-65-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.29°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Core Electronic/Physical Components
#### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, chosen for its excellent thermal conductivity and lightweight properties. The "Blue Anodized" coating is not just aesthetic; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiant heat transfer.
#### B. The pushPIN™ Attachment System
This part uses a proprietary attachment mechanism consisting of:
* **Compression Springs:** These ensure a consistent, pre-determined pressure is applied to the electronic component (die/chip).
* **Plastic/Brass Push Pins:** These snap into holes on the Printed Circuit Board (PCB), ensuring the heat sink remains secure during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The base comes pre-applied with **T766**. In electronics, a TIM is crucial because it fills microscopic air gaps between the heat source (the chip) and the heat sink, significantly reducing contact thermal resistance.
---
### 3. Performance Summary
The efficiency of this part is measured by its thermal resistance ($^\circ C/W$). Lower values indicate better cooling performance.
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| 100 | 0.5 | 7.29 °C/W |
| 300 | 1.5 | 2.01 °C/W |
| 500 | 2.5 | 1.39 °C/W |
---
### 4. Typical Applications
* **ASIC/FPGA Cooling:** Used on high-speed integrated circuits.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷
What is the significance of the 'C2' and 'R0' suffixes in the part number?
- ⤷ How do I calculate if this heat sink is sufficient for a 15W chip?
- ⤷ Are there alternative attachment methods available for this heat sink size?