ATS-01D-30-C2-R0
AI

The **ATS-01D-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum (Blue Anodized) |
| **Dimension (Length x Width)** | 40mm x 40mm |
| **Height** | 25mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.31°C/W (at 100 LFM) |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of Thermal Interface Material pre-applied to the base.
- It uses **T766**, a high-performance thermal grease.
- This ensures maximum heat transfer between the electronic component (heat source) and the aluminum sink by filling microscopic air gaps.
#### B. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN** system:
- **Stability:** It provides a specific pressure (clamping force) required for optimal thermal contact.
- **Reliability:** It is more resistant to vibration and thermal expansion than simple peel-and-stick tapes.
- **Hardware:** It typically uses brass or plastic pins with a stainless steel spring.
#### C. Airflow Optimization
The straight-fin design is optimized for **forced air cooling** (active cooling via a fan). The spacing between the fins is engineered to minimize "pressure drop" while maximizing the surface area exposed to moving air.
---
### 3. Usage Context
In an electronic circuit, this part is used as a **passive cooling element** that becomes part of the thermal circuit. It is commonly found on:
1. **Voltage Regulators:** Managing heat in high-current DC-DC converters.
2. **FPGA/ASIC:** Cooling custom integrated circuits in networking gear.
3. **Industrial Controls:** Protecting power components in harsh environments.
---
- ⤷
How do I calculate the thermal resistance required for my specific electronic component?
- ⤷ What are the differences between blue anodized and black anodized heat sinks?
- ⤷ Can the pushPIN attachment be used on any PCB layout?