ATS-01D-25-C2-R0
AI

The **ATS-01D-25-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-01D-25-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Dimensions** | 60mm x 60mm x 20mm |
| **Thermal Resistance** | ~6.26 °C/W (Unducted @ 200 LFM) |
---
### 2. Key Electronic Functions
While the heatsink itself does not contain circuitry, its role in an electronic system is critical for the following reasons:
#### A. Thermal Dissipation
The primary function is to increase the surface area of the heat-generating component. The **Blue Anodized** finish is not just aesthetic; it increases thermal emissivity, allowing the part to radiate heat more efficiently than raw aluminum.
#### B. Push-Pin Mounting Mechanism
The "C2" designation usually refers to the specific attachment kit. This model uses a **Plastic Push-Pin** system with a compression spring.
* **Purpose:** Ensures consistent pressure (clamping force) between the heatsink and the electronic chip.
* **Reliability:** Prevents the heatsink from shifting during mechanical shock or vibration.
#### C. Thermal Interface Material (TIM)
Typically, these units come pre-applied with a **Phase Change Material** or high-performance thermal pad. This fills the microscopic air gaps between the chip surface and the heatsink base, significantly lowering the junction temperature.
---
### 3. Application Use Cases
This specific size (60mm) and height (20mm) make it suitable for:
* **Embedded Systems:** Industrial PCs where vertical space is limited.
* **Power Electronics:** Large MOSFET arrays or high-current voltage regulators.
* **Networking Gear:** Cooling ASICs in switches and routers.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **01D:** Series identifier.
* **25:** Specific fin geometry/density code.
* **C2:** Attachment hardware (Push-pins and Springs).
* **R0:** RoHS Compliance (Lead-free).
- ⤷How do I calculate if this heatsink's thermal resistance is sufficient for my 15W chip?
- ⤷ What are the advantages of blue anodized aluminum over black or natural finishes?
- ⤷ Can this heatsink be used with a 60mm fan for active cooling?