ATS-01D-24-C2-R0
AI

The **ATS-01D-24-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic packages. It is manufactured by *Advanced Thermal Solutions, Inc. (ATS)*.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 60mm x 60mm x 25mm |
| **Fin Style** | Straight (Fine Pitch) |
| **Thermal Resistance** | 0.88° C/W (@ 1.0 m/s airflow) |
| **RoHS Status** | Compliant |
---
### 2. Design and Component Features
#### A. The pushPIN™ Attachment System
One of the defining electronic-mechanical features of the `-R0` series is the **pushPIN™** mechanism. This allows for:
* **Constant Pressure:** A brass or plastic pin with a pre-calculated compression spring ensures the heatsink maintains a firm, even contact with the electronic component (CPU/GPU/FPGA).
* **Ease of Assembly:** It eliminates the need for messy adhesives or complex screw-down procedures, reducing the risk of mechanical stress on the PCB.
#### B. Thermal Performance
In high-power electronics, heat is the primary cause of failure. The ATS-01D-24-C2-R0 is designed with a **straight-fin** geometry. This is optimized for **forced air cooling** (environments with fans). The blue anodized finish is not just for aesthetics; it increases surface emissivity, slightly improving radiation heat transfer.
#### C. Material Choice (Aluminum 6063)
Aluminum is used because it offers a high thermal conductivity-to-weight ratio. This prevents the "sagging" of electronic boards that might occur with heavier copper heatsinks while still effectively drawing heat away from the silicon die.
---
### 3. Application Use Cases
This specific part size (60mm) and height (25mm) is typically found in:
* **Telecommunications Equipment:** High-speed routers and switches.
* **Industrial Power Supplies:** Cooling MOSFETs or IGBT modules.
* **Server/Computing:** Secondary cooling for chipsets or high-performance voltage regulators.
- ⤷
What is the difference between Blue Anodized and Gold Anodized finishes in thermal performance?
- ⤷ How do I calculate the required airflow (CFM) for this specific heatsink?
- ⤷ Does this model include a pre-applied Thermal Interface Material (TIM)?