ATS-01D-191-C2-R0
AI

## Overview of ATS-01D-191-C2-R0
The **ATS-01D-191-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is a critical part of electronic system design, specifically categorized under **Thermal Management**.
---
### 1. Technical Specifications
The following table highlights the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm |
| **Height (Off Base)** | 30mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 2.90°C/W (at 100 LFM) |
---
### 2. Key Electronic Components & Design
Though it contains no circuitry, its design is engineered to interface with electronic semiconductors:
* **Thermal Interface Material (TIM):** The "R0" suffix typically indicates that the unit comes pre-applied with **T766**, a high-performance phase-change thermal interface material that fills microscopic air gaps between the heat sink and the CPU/GPU.
* **Attachment Mechanism:** It uses a **Push-Pin** system with a compression spring. This ensures consistent pressure across the electronic chip, which is vital for preventing hotspots and mechanical stress on the PCB.
* **Fin Configuration:** It features a **Fine Pitch** straight fin design. This is optimized for systems with high-velocity airflow (Active Cooling), allowing heat to be stripped away from the electronic package efficiently.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed signal processors.
2. **Embedded Systems:** Dissipating heat from FPGAs or ARM-based SoCs.
3. **Power Electronics:** Managing thermal loads in DC-DC converters.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.90 |
| 300 (1.5 m/s) | 1.56 |
| 500 (2.5 m/s) | 1.25 |
- ⤷
What is the difference between the C2 and R0 suffixes in this part number?
- ⤷ How does the push-pin mounting system affect PCB design requirements?
- ⤷ What are the recommended operating temperatures for the T766 interface material?