AI

The **ATS-01D-18-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These parts are designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs, ensuring they remain within safe operating temperatures.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin Mount) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 15mm |
| **Fin Type** | Fine Pitch (Straight Fin) |
| **Attachment Method** | Plastic Push-Pin with Brass Spring |
| **Thermal Resistance** | Approx. 13.38°C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Components & Electronics Role
#### A. The Heatsink Body (Heat Dissipation)
The core function of this part is to increase the surface area of a semiconductor device. By using a **fine-pitch fin design**, the ATS-01D-18-C2-R0 maximizes the contact area with the surrounding air, allowing for efficient heat transfer via convection.
#### B. The Push-Pin & Spring Mechanism
Unlike adhesive-based heatsinks, this part uses a mechanical fastening system:
- **Push-Pins:** Plastic components that lock into pre-drilled holes on the PCB.
- **Springs:** Provide constant, uniform pressure (load) on the electronic component. This ensures the best possible contact with the silicon die or heat spreader.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates a specific type of pre-applied thermal pad or grease (**T766**). This material fills microscopic air gaps between the electronics and the aluminum, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific heatsink is commonly found in the following electronic environments:
* **Networking Gear:** Routers, switches, and modems.
* **Embedded Systems:** Industrial PC boards where vibration might shake loose adhesive heatsinks.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
### 4. Thermal Performance Comparison
The effectiveness of this part depends on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Unducted (Natural)** | 13.38 |
| **200 LFM (Forced)** | 4.95 |
| **400 LFM (High Speed)** | 3.10 |
---
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does the blue anodized finish affect the thermal radiation properties?
- ⤷ What is the difference between the T766 and T412 thermal interface materials used by ATS?