ATS-01D-154-C2-R0
AI

The **ATS-01D-154-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 7.50°C/W (Unducted Flow @ 100 LFM) |
| **Spring Type** | ATS-PPS-01 |
---
### 2. Key Electronic Features
#### A. Attachment Mechanism (pushPIN™)
The "R0" in the part number refers to the specific attachment kit. It uses a **Push-Pin** system with a compression spring. This ensures:
* **Constant Pressure:** Prevents the heat sink from shifting and ensures optimal contact with the semiconductor.
* **Ease of Assembly:** Fastens directly into pre-drilled holes in the PCB (Printed Circuit Board).
#### B. Thermal Interface Material (TIM)
This model comes pre-applied with **T766**, a high-performance Phase Change Material (PCM).
* **Function:** It fills microscopic air gaps between the component die and the heat sink base.
* **Benefit:** Reduces contact resistance, allowing heat to flow more efficiently.
#### C. Aerodynamics
The straight-fin design is optimized for **forced air cooling**. The spacing between the fins is engineered to minimize pressure drop while maximizing the surface area available for convection.
---
### 3. Application Examples
This specific heat sink is typically used in the following electronic environments:
1. **Telecommunications:** Cooling of high-speed network switches.
2. **Embedded Computing:** Thermal management for ARM or x86 processors on industrial motherboards.
3. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators in power supplies.
---
- ⤷
What is the difference between this push-pin attachment and an adhesive-based heat sink?
- ⤷ How do I calculate if the 7.50°C/W thermal resistance is sufficient for my component?
- ⤷ Is the T766 thermal interface material conductive or non-conductive?