ATS-01B-98-C2-R0
AI

The **ATS-01B-98-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). This component is designed for thermal management in electronic systems, specifically for cooling integrated circuits (ICs) and other heat-generating surface-mount devices.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Flow Orientation** | Cross-Flow (Square Fin Layout) |
| **Fin Type** | Straight Fin |
---
### 2. Electronic Application & Function
While the heat sink itself does not have circuitry, it is a critical "passive" electronic part used to maintain the reliability of active components:
* **Thermal Dissipation:** It increases the surface area of a component (like a BGA processor or FPGA), allowing heat to be transferred more efficiently to the surrounding air.
* **Protection:** Prevents "thermal throttling" or hardware failure due to overheating.
* **The pushPIN™ System:** This specific model uses the ATS pushPIN™ mechanism, which includes a precise compression spring. This ensures even pressure across the electronic chip, preventing mechanical damage to the solder balls or the die.
---
### 3. Part Number Breakdown (Nomenclature)
The part number can be decoded to understand its specific configuration:
1. **ATS**: Manufacturer (Advanced Thermal Solutions).
2. **01**: Series type (Standard heat sink).
3. **B**: Material / Configuration code.
4. **98**: Specific dimensions/design iteration.
5. **C2**: Thermal interface material (TIM) or specific coating (usually implies a high-performance Blue Anodized finish).
6. **R0**: RoHS compliance status.
---
### 4. Implementation Example
If you were integrating this into a PCB design using a CAD tool (like Altium or Eagle), you would need to account for the mounting holes required by the pushPIN™ system:
```text
// Mechanical layout requirements
Drill_Hole_Diameter: 3.175mm (Typical for pushPIN)
Pitch_Distance: 38mm (Center-to-Center)
Required_Airflow: >200 LFM (Recommended for optimal cooling)
```
- ⤷
What is the thermal resistance of this part at different airflow speeds (LFM)?
- ⤷ What are the specific mounting hole requirements for the pushPIN system on a PCB?
- ⤷ Are there alternative thermal interface materials (TIM) recommended for the ATS-01B series?