ATS-01B-95-C2-R0
AI

The **ATS-01B-95-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series and is categorized as a high-performance **Heat Sink**, designed specifically for cooling integrated circuits (ICs) and surface-mount devices.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Family** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flow)** | 7.29 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.75 °C/W @ 700 LFM |
| **Fin Style** | Straight Fin |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
Precision in dimensions is critical for PCB layout and clearance from adjacent electronic components.
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 20.00 mm
* **Pitch (E):** 33.00 mm (Distance between mounting holes)
* **Pitch (F):** 33.00 mm
---
### 3. Key Electronic Cooling Features
#### A. Attachment Mechanism
The **pushPIN™** system uses a flexible, spring-loaded mechanism. This ensures:
1. **Uniform Pressure:** Prevents damage to delicate silicon dies by distributing force evenly.
2. **Vibration Resistance:** Securely holds the heat sink in place during industrial vibration or shipping.
3. **Ease of Assembly:** Features pre-drilled holes for rapid installation.
#### B. Thermal Interface Material (TIM)
This specific model typically comes with **T412** thermal interface material pre-applied to the base. This fills microscopic air gaps between the chip and the heat sink to maximize heat transfer efficiency.
#### C. Fin Design
The **Straight Fin** geometry is optimized for "Longitudinal" airflow. This means it performs best when fans are blowing air directly through the channels created by the fins.
---
### 4. Typical Applications
* **Processors (CPUs/GPUs):** Cooling small form-factor embedded processors.
* **FPGAs:** Managing heat in high-speed logic devices.
* **Power Electronics:** Dissipating heat from MOSFETs or power regulators in telecommunication equipment.
- ⤷
What are the advantages of using pushPIN™ over adhesive thermal tape?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ Can this heat sink be used in a passive cooling environment without a fan?