ATS-01B-91-C2-R0
AI

The **ATS-01B-91-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic integrated circuits (ICs) and surface-mount devices.
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here is the breakdown of its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic/brass pins) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Thermal Resistance** | 21.97 °C/W (at 100 LFM) |
| **Flow Pattern** | Straight Fin |
---
### 2. Electronic Application & Function
This component is vital for maintaining the reliability of sensitive electronic parts. Its primary functions include:
* **Heat Dissipation:** It increases the surface area of a heat-generating component (like a CPU, FPGA, or GPU), allowing air to carry heat away more efficiently.
* **Thermal Interface:** It is typically paired with a **Thermal Interface Material (TIM)**, such as a phase-change material or thermal pad (pre-applied as T766 in this series), to eliminate air gaps between the IC and the metal.
* **Mechanical Stability:** The "pushPIN™" system provides a consistent compression force, ensuring the heat sink remains in contact with the electronic package even during mechanical vibration or thermal expansion.
---
### 3. Key Electronic Components it Protects
This specific low-profile heat sink (10mm height) is commonly found in space-constrained electronics such as:
1. **Network Switches/Routers:** Cooling processors that handle high-speed data.
2. **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
3. **Embedded Systems:** For industrial PCs where vertical clearance is limited.
---
### 4. Part Number Breakdown
The "C2" and "R0" suffixes refer to specific material and compliance standards:
* **C2:** Refers to the thermal performance tier and material (Aluminum with Blue Anodized finish).
* **R0:** Indicates **RoHS compliance**, meaning the part is free from restricted hazardous substances like lead and mercury.
- ⤷
What is the difference between a straight fin and a cross-cut fin heat sink design?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ What are the compatible PCB hole patterns for the pushPIN attachment system?