ATS-01B-90-C2-R0
AI

The **ATS-01B-90-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS) designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.36°C/W (@ 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | Straight (Cross-Cut) |
---
### 2. Key Component Features
#### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses a **Push-Pin** mechanism.
* **Compression Spring:** Provides precise pressure (Force) to ensure optimal contact with the processor/component.
* **Brass Pins:** Offers durability and a secure fit into pre-drilled holes on the PCB.
#### B. Thermal Performance
The "R0" designation refers to the specific thermal performance and material configuration.
* **Low Airflow:** At low air speeds (100 LFM), it dissipates heat at a rate of 6.36°C/W.
* **High Airflow:** At high air speeds (700 LFM), the resistance drops to approximately 1.50°C/W, making it highly efficient in forced-convection environments.
#### C. Material & Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just aesthetic; the anodized layer provides electrical insulation and improves surface emissivity, aiding in radiant heat transfer.
---
### 3. Application Use-Cases
This specific heat sink is typically found in:
1. **Telecommunications:** Cooling ASICs and FPGAs in networking switches.
2. **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Industrial PCs where vertical clearance (25mm) is available.
---
- ⤷
What are the PCB hole diameter requirements for the ATS-01B-90-C2-R0 push-pins?
- ⤷ How does 'Blue Anodized' finishing compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with a thermal interface material (TIM) pre-applied?