ATS-01B-66-C2-R0
AI

The **ATS-01B-66-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part number:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01B-66-C2-R0 |
| **Heatsink Type** | Push-Pin (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Material** | Aluminum |
| **Dimensions** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 5.77 °C/W (@ 100 LFM) |
| **Attachment Method** | Push-pin with Brass Spring |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Breakdown of the Part Number
ATS uses a specific nomenclature to define the characteristics of their thermal solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **01**: Series designation (Standard push-pin series).
* **B**: Material/Process (Aluminum extrusion).
* **66**: Size/Geometry code (Specific to the 45x45mm footprint).
* **C2**: Thermal Performance/Fin Density (Ranging from C1 to C3).
* **R0**: Material finish and ROHS compliance (Blue Anodized).
---
### 3. Key Electronic Functions
While the heatsink itself is a passive mechanical part, its role in an electronic circuit is critical for **Thermal Management**:
1. **Heat Dissipation:** It increases the surface area of the semiconductor package, allowing heat to transfer more efficiently into the ambient air via convection.
2. **Protection:** By maintaining the junction temperature ($T_j$) below the manufacturer's limit, it prevents thermal throttling or permanent hardware failure.
3. **Mechanical Attachment:** The "Push-pin" design provides a consistent downward force (pressure) on the chip, ensuring that the Thermal Interface Material (TIM) fills all microscopic air gaps between the chip and the heatsink.
---
### 4. Installation and Usage
* **Hole Pattern:** Requires pre-drilled holes on the PCB (Printed Circuit Board).
* **Spring Mechanism:** The brass springs ensure that the heatsink remains secure even under vibration or mechanical shock.
* **Airflow Dependency:** Because this is a straight-fin design, it performs best in systems with defined **forced-air cooling** (fans) rather than passive natural convection.
- ⤷What is the difference between straight-fin and cross-cut fin heatsinks?
- ⤷ How do I calculate the required Thermal Resistance for my specific chip?
- ⤷ What are the alternatives to push-pin mounting for heatsinks?