ATS-01B-57-C2-R0
AI

The **ATS-01B-57-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or damage.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push-Pin (Passive/Active cooling compatible) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Style** | Straight Fin (Cross-cut) |
| **Attachment Method** | Plastic Push-Pins with Brass Springs |
| **Thermal Resistance** | ~13.16 °C/W (Unducted @ 200 LFM) |
---
### 2. Design and Engineering Features
### A. Fin Geometry (Cross-Cut)
The "Straight Fin" design with cross-cuts allows for airflow from multiple directions. This is ideal for systems where the airflow direction is not strictly unidirectional, ensuring consistent cooling performance regardless of the fan orientation.
### B. Attachment Mechanism: Push-Pin & Spring
Unlike adhesive-based heat sinks, the **ATS-01B-57-C2-R0** uses a mechanical push-pin system.
* **Plastic Push-Pins:** Quick to install into pre-drilled holes on the PCB.
* **Compression Springs:** These provide consistent pressure (TIM - Thermal Interface Material compression), ensuring maximum contact between the heat sink base and the electronic chip.
### C. Material and Coating
* **Aluminum:** Chosen for its high thermal conductivity and light weight.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides a small amount of electrical insulation and increases the surface emissivity, slightly improving radiation heat transfer.
---
### 3. Application Examples
This specific size (40mm) is commonly used in:
* **Network Switches/Routers:** Cooling the main processors.
* **Industrial PCs:** Thermal management for embedded chipsets.
* **FPGA Cooling:** Dissipating heat from high-speed programmable logic devices.
---
### 4. Part Number Breakdown
Understanding the ATS nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions.
* **01:** Series number.
* **B:** Base material/type.
* **57:** Specific dimension/footprint code.
* **C2:** Thermal Interface Material (TIM) type (often indicates T766 or similar pre-applied phase change material).
* **R0:** Revision code / RoHS compliant status.
- ⤷What is the difference between push-pin and clip-on mounting for this heat sink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there CAD models available for the ATS-01B series for PCB design?