ATS-01B-53-C2-R0
AI

The **ATS-01B-53-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" series and is technically classified as a **High-Performance Heat Sink** designed for cooling electronic components like CPUs, GPUs, or high-power chipsets.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
This heat sink is designed for specific thermal resistance and spatial constraints.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 8.57°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 35.00mm x 35.00mm x 30.00mm |
---
### 2. Physical Design Features
The part number encodes specific physical attributes of the device:
* **Fins (Straight Fin Profile):** The "53" in the part number indicates a specific fin pattern designed to maximize surface area while allowing air to flow through with minimal pressure drop.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** thermal phase change material, which ensures efficient heat transfer between the chip and the aluminum base.
* **Compression Springs:** It uses a "Precise Force" spring system to ensure even pressure across the component, preventing damage to the silicon die while maintaining contact.
---
### 3. Application and Usage
This component is typically found in:
1. **Telecommunications:** Cooling signal processors in base stations.
2. **Embedded Systems:** Industrial PCs where space is limited but heat generation is high.
3. **Networking:** Switches and routers where consistent airflow is available.
### 4. Part Number Breakdown
The nomenclature can be interpreted as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **01:** Attachment Type (Push-Pin).
* **B:** Material (Aluminum).
* **53:** Specific Fin Design/Geometry.
* **C2:** Thermal Performance Class/Material Grade.
* **R0:** Revision code (Standard RoHS compliant version).
---
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Which push-pin sizes are compatible with the ATS-01B-53-C2-R0?
- ⤷ Can the pre-applied thermal interface material be replaced with standard thermal paste?