ATS-01B-52-C2-R0
AI

The **ATS-01B-52-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** designed by Advanced Thermal Solutions (ATS) as part of their "push pin" attachment series.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical attributes of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Type** | Top Mount Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Thermal Resistance** | 10.79°C/W (@ 100 LFM) |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Fin Style** | Straight |
| **Surface Finish** | Blue Anodized |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout integration to ensure no interference with neighboring electronic components:
* **Length:** 35.00 mm
* **Width:** 35.00 mm
* **Height:** 25.00 mm
* **Pitch (Mounting Holes):** 40.00 mm
---
### 3. Functional Electronic Role
While the heat sink itself does not conduct electricity (it is an "electrically passive" component), it plays a vital role in the reliability of active electronics:
1. **Heat Dissipation:** It is designed to sit atop a BGAs (Ball Grid Array) or other surface-mount ICs (Integrated Circuits) to conduct heat away from the silicon die.
2. **Thermal Performance:** With a height of 25mm and a straight-fin design, it is optimized for systems with defined airflow (convection), reducing the operating temperature of the processor or power regulator.
3. **Mechanical Attachment:** The use of "push pins" ensures a consistent pressure (preload) against the chip, which optimizes the interface with **Thermal Interface Material (TIM)** and prevents the sink from shifting during vibration.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the suffix codes helps in identifying the exact variant:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **01:** Attachment Type (Push-Pin)
* **B:** Material/Fin Configuration
* **52:** Dimensional code for the 35x35mm footprint
* **C2:** Thermal Performance Level / Material Grade
* **R0:** RoHS compliant (Lead-free)
---
- ⤷What is the recommended airflow direction for straight-fin heat sinks like the ATS-01B-52-C2-R0?
- ⤷ Which thermal interface materials are compatible with this blue anodized finish?
- ⤷ How do I calculate if the 10.79°C/W resistance is sufficient for my specific IC?