AI

The **ATS-01B-36-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling high-power semiconductors and integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 2.50°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 22.86mm |
| **Base Shape** | Square |
| **Fin Style** | maxiFLOW (Tapered Fin Design) |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design uses a specific fin profile that reduces pressure drop and maximizes surface area. In electronics, this is critical because it allows for high-efficiency heat dissipation even in environments with low airflow.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the `pushPIN™` mechanism ensures:
* **Constant Pressure:** Maintains a consistent interface between the heat sink and the electronic component (e.g., a BGA or FPGA).
* **Secure Mounting:** Prevents the heat sink from shifting during mechanical vibration or shock.
* **Ease of Assembly:** Features a flexible "spring" design that simplifies PCB installation.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes the inclusion of a pre-applied **Thermal Interface Material**. This material fills the microscopic air gaps between the semiconductor die and the heat sink base, significantly lowering the contact resistance.
---
### 3. Typical Applications
This part is commonly found in high-reliability electronic systems, including:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PC processors.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
### 4. Thermal Performance Comparison
Below is a simplified representation of how airflow affects its performance:
```python
# Illustrative Python representation of Thermal Resistance vs Airflow
performance_data = {
"LFM (Linear Feet per Minute)": [200, 300, 400, 500, 600],
"Thermal_Res_CW": [2.50, 2.05, 1.80, 1.65, 1.50]
}
```
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Does this heat sink come with different spring tensions for the pushPIN?