ATS-01B-196-C2-R0
AI

The **ATS-01B-196-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, or power modules.
---
### ## Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Fin Style** | Straight (Cross-cut) |
| **Attachment Method** | Push Pin (Brass) with Compression Spring |
| **Thermal Resistance** | 18.11 °C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### ## Electronic Context & Application
While the heat sink itself is a passive mechanical part, it plays a critical role in the reliability of electronic systems:
1. **Thermal Management:** It is designed for "Small Form Factor" electronic assemblies where height is restricted (only 10mm tall).
2. **Mounting System:** The push pin mechanism ensures a specific amount of **pressure (clamping force)** is applied to the electronic chip. This ensures the Thermal Interface Material (TIM) fills microscopic gaps between the chip and the heat sink for maximum heat transfer.
3. **Cross-Cut Design:** The fins are cut both ways, making the heat sink "omni-directional." This is vital in electronics where airflow might come from various angles depending on the case fan placement.
---
### ## Comparative Thermal Performance
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
* **Unducted Flow (300 LFM):** ~11.00 °C/W
* **Unducted Flow (500 LFM):** ~8.00 °C/W
* **Static Pressure:** The spring-loaded pins provide consistent contact, preventing the heat sink from shifting during thermal expansion or vibration.
---
- ⤷
How do I calculate if this heat sink is sufficient for a 15W chip?
- ⤷ What are the advantages of blue anodized aluminum over plain aluminum?
- ⤷ What are the specific hole dimensions required for the push-pin installation?