ATS-01B-19-C2-R0
AI

The **ATS-01B-19-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for secure and efficient cooling of electronic integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-01B-19-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 9.77°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 54mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Electronic Features
#### A. Thermal Dissipation
This part is designed to dissipate heat from surface-mount components like CPUs, GPUs, or high-power FPGAs. By increasing the surface area exposed to airflow, it prevents **thermal throttling** or component failure caused by overheating.
#### B. Push-Pin Attachment Mechanism
The "01B" designation indicates the attachment style.
* It uses a **plastic push-pin** with a built-in spring.
* This provides a consistent, pre-determined pressure (clamping force) on the electronic chip, ensuring optimal contact with the Thermal Interface Material (TIM).
#### C. Material and Coating
* **Aluminum:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Beyond aesthetics, the anodization provides a layer of electrical insulation and increases thermal emissivity, helping the part radiate heat more effectively.
---
### 3. Airflow Performance Data
Electronic cooling efficiency varies based on the Linear Feet per Minute (LFM) of airflow provided by system fans:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 9.77 |
| 300 | 6.32 |
| 400 | 4.97 |
| 500 | 4.23 |
---
### 4. Implementation Requirements
To use this part in an electronic assembly, the PCB (Printed Circuit Board) must have:
1. **Pre-drilled Holes:** Two holes matching the push-pin pitch of the heat sink.
2. **Thermal Interface Material (TIM):** A thermal pad or grease must be applied between the chip and the heat sink base to eliminate air gaps.
- ⤷What is the hole pitch required for the ATS-01B-19-C2-R0 push-pins?
- ⤷ How does the 'C2' suffix in the part number affect its performance?
- ⤷ What is the recommended Thermal Interface Material for this specific heat sink?