ATS-01B-175-C2-R0
AI

The part number **ATS-01B-175-C2-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, and other high-heat chipsets.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 13.52°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific nomenclature used by ATS to identify the physical characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **01B**: Product series (generally referring to the base profile and fin style).
* **175**: Specific size/geometry identifier within the series.
* **C2**: Material and Finish (typically denotes Blue Anodized Aluminum).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Features and Applications
#### Heat Dissipation Design
This heat sink uses a **straight-fin design**, which is optimized for systems with directed airflow. The aluminum construction provides a balance between lightweight design and efficient thermal conductivity.
#### Mounting System
The **Push-Pin and Spring** assembly provides several benefits:
1. **Uniform Pressure:** The compression springs ensure that the heat sink maintains firm, even contact with the component surface.
2. **Tool-less Installation:** Plastic push-pins allow for quick assembly onto a PCB without requiring specialized tools.
3. **Hole Pattern:** Requires pre-drilled holes in the PCB for secure attachment.
#### Applications
* **Telecommunications:** Cooling of network switches and routers.
* **Embedded Systems:** Industrial PCs and small form factor boards.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 13.52 |
| 300 | 1.5 | 6.43 |
| 500 | 2.5 | 4.85 |
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?
- ⤷ Does this model come in a cross-cut fin version for multi-directional airflow?