ATS-01B-153-C2-R0
AI

The **ATS-01B-153-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the blueICE™ series and is specifically designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, and GPUs.
---
### 1. Technical Specifications
Below are the primary physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 11.95°C/W (@ 100 LFM) |
| **Airflow Path** | Fine-pitch (Straight Fin) |
| **Compliance** | RoHS Compliant |
---
### 2. Key Electronic Components & Features
#### A. Thermal Interface Material (TIM)
The "R0" suffix indicates that this part typically comes pre-applied with **Phase Change Material** or a high-performance thermal pad. This ensures there are no air gaps between the electronic component (die) and the heat sink base, maximizing heat transfer.
#### B. pushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this model uses a specialized mechanical fastening system:
* **Compression Springs:** Provide precise pressure to the processor or chipset.
* **Plastic/Brass Push Pins:** Ensure a secure fit into pre-drilled holes on the PCB.
* **Preventing Damage:** The controlled force prevents cracking of fragile silicon dies during installation or vibration.
#### C. Fine-Pitch Fin Design
The heat sink features straight fins designed to optimize the cooling surface area. This is critical for high-power electronic components that generate concentrated heat in small footprints.
---
### 3. Application Use Cases
This part is commonly found in the following electronic environments:
1. **Telecommunications:** Used on high-speed network switches and routers.
2. **Embedded Systems:** Cooling industrial PCs and control modules.
3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs).
---
- ⤷
What are the different types of pushPIN attachment options for this heat sink?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a cooling fan for active thermal management?