ATS-01B-147-C2-R0
AI

The **ATS-01B-147-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, and GPUs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Thermal Resistance** | 13.52 °C/W (at 100 LFM) |
| **Flow Direction** | Straight Fin (Vertical/Horizontal) |
---
### 2. Key Electronic Features
#### A. Thermal Management
The primary purpose of the ATS-01B-147-C2-R0 is **heat dissipation**. In electronics, high temperatures lead to "thermal throttling" or component failure. The 13.52 °C/W resistance rating indicates how efficiently it transfers heat from the semiconductor junction to the surrounding air.
#### B. Push-Pin Attachment Mechanism
Unlike adhesive-based heat sinks, this model uses a **spring-loaded push-pin** system.
* **Mechanical Stability:** Provides consistent pressure across the interface material (TIM).
* **Reliability:** Reduces the risk of the heat sink falling off due to vibration or thermal expansion.
* **Pre-drilled Holes:** Requires specific hole patterns on the PCB for mounting.
#### C. Straight Fin Design
The fins are arranged in a straight-line pattern. This is optimized for:
* **Forced Airflow:** Works best in systems with internal fans.
* **Low Profile:** At only 10mm high, it is suitable for compact electronics like 1U servers or embedded IoT devices.
---
### 3. Usage Context
This part is commonly found in the following electronic applications:
1. **Network Switches:** Cooling high-speed processing chips.
2. **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
3. **Embedded Computing:** Protecting ARM or FPGA chips from overheating in enclosed spaces.
- ⤷
What is the recommended PCB hole pattern for this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What are the alternatives to push-pin mounting for this size of heat sink?