công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01B-119-C2-R0

  • AI
    The **ATS-01B-119-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors and integrated circuits (ICs). --- ## 1. Technical Specifications The following table highlights the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions** | 40mm x 40mm x 19mm | | **Thermal Resistance** | 4.68°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ | | **Pressure Spring** | Brass, Nickel Plated | | **Thermal Interface (TIM)** | T766 (Pre-applied) | --- ## 2. Key Electronic & Physical Parts The assembly is more than just a block of metal; it consists of several engineered parts that work together to protect electronic components from overheating. ### A. The Heat Sink Body (maxiFLOW™ Design) The body is made of extruded aluminum. The "maxiFLOW" geometry features a flared fin structure. This increases the surface area and encourages turbulent airflow, which significantly improves heat dissipation compared to standard straight-fin designs. ### B. pushPIN™ Attachment System Instead of using messy adhesives or thermal tape, this part uses a mechanical **pushPIN™** system. * **The Pin:** A durable plastic or metal pin that fits through pre-drilled holes in the PCB. * **The Spring:** A compression spring (usually brass) that ensures constant, even pressure between the heat sink and the chip, maximizing thermal transfer. ### C. Thermal Interface Material (TIM) The base of the ATS-01B-119-C2-R0 comes pre-applied with **T766**. This is a phase-change or high-performance grease material that fills microscopic air gaps between the heat sink and the electronic component (CPU, FPGA, or GPU). --- ## 3. Applications This specific heat sink is typically used for cooling the following electronic parts: 1. **BGA Packages:** High-density Ball Grid Arrays. 2. **FPGAs/ASICs:** Custom processors that generate significant localized heat. 3. **Power Supplies:** Regulators and converters requiring compact cooling. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the pushPIN™ system over adhesive thermal tapes?
    • ⤷ How does the 'flared fin' design improve thermal resistance compared to straight fins?
    • ⤷ Can this heat sink be used for passive cooling without a fan?