ATS-01A-91-C3-R0
AI

The **ATS-01A-91-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **pushPIN™** series designed for cooling semiconductor devices like CPUs, FPGAs, and GPUs.
---
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.00°C/W (Unducted Flow @ 100 LFM) |
| **Pin Material** | Brass (Nickel Plated) |
---
### Key Electronic & Physical Components
#### 1. Heat Sink Body (The Fin Structure)
The body is made of **6063-grade aluminum**, chosen for its high thermal conductivity. It features a "Fine Pitch" or "Straight Fin" design.
* **Function:** It increases the surface area available for heat dissipation from the electronic component into the surrounding air.
* **Dimensions:** 40mm x 40mm footprint with a low profile (10mm height), making it ideal for compact electronic enclosures.
#### 2. Thermal Interface Material (TIM)
The "C3" in the part number indicates the type of thermal interface.
* **Material:** Pre-applied **T766** thermal grease.
* **Function:** It fills microscopic air gaps between the heat sink base and the electronic chip (die/package), significantly reducing thermal resistance.
#### 3. Attachment Mechanism (Push-Pin & Spring)
Unlike adhesive-based heat sinks, the ATS-01A-91-C3-R0 uses a mechanical attachment system.
* **Push-Pin:** Provides a secure, vibration-resistant mount to the PCB.
* **Spring:** Ensures consistent "Clamping Pressure," which is critical for maintaining optimal contact between the heat sink and the electronic part over time.
---
### Applications in Electronics
This specific part is used in environments where electronic components generate moderate heat and require active or passive airflow cooling:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Power Supplies:** Heat dissipation for MOSFETs and Voltage Regulators.
* **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
- ⤷What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I determine the correct hole size on the PCB for the push-pin mounting?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?