ATS-01A-91-C2-R0
AI

The **ATS-01A-91-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific data regarding its size, thermal performance, and mounting style:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Attachment Type** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | Approx. 21.97°C/W (Unducted) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Construction
The "electronic parts" aspect of this component focuses on heat dissipation:
* **Heat Sink Profile:** It features a **Straight Fin** design. This allows air to flow through the fins efficiently, especially in systems with a defined airflow direction.
* **Material Choice:** It is made of **6063 Aluminum**. Aluminum is used for its high thermal conductivity-to-weight ratio, ensuring the component doesn't put excessive physical stress on the PCB.
* **Base Surface:** The base is precision-machined to be flat, ensuring maximum surface contact with the electronic component (IC or BGA).
---
### 3. Mounting Mechanism
The "R0" at the end of the part number often signifies the attachment method and spring force:
1. **Push-Pins:** Plastic or brass pins that snap into holes on the PCB.
2. **Compression Springs:** These provide a calculated "downward force" (load) to ensure the heatsink stays in contact with the chip, even during mechanical vibration or thermal expansion.
3. **Hole Pattern:** This specific model is designed for a **33mm x 33mm** pitch between the PCB mounting holes.
---
### 4. Typical Applications
You will find this part in the following electronic systems:
* **Embedded Systems:** Industrial PCs where space is limited.
* **Telecommunications:** Cooling of high-speed processors in routers or switches.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
---
### 5. Thermal Performance Data
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 21.97 |
| 300 (1.5 m/s) | 5.33 |
| 500 (2.5 m/s) | 3.23 |
*Note: As airflow increases, the efficiency of the heatsink improves dramatically.*
- ⤷
What are the compatible hole diameters for the push-pin mounting?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heatsink with a larger height for better cooling?