công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01A-82-C2-R0

  • AI
    The **ATS-01A-82-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling semiconductor components such as CPUs, GPUs, or high-power ASICs. --- ### 1. Technical Specifications Below are the primary mechanical and thermal characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | Blue Anodized Push-Pin Heat Sink | | **Material** | Aluminum | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Fin Style** | Straight (Vertical Fins) | | **Attachment Type** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Interface Material** | T766 (Phase Change Material/Thermal Tape) | --- ### 2. Key Components & Materials #### A. The Heat Sink Body The body is made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight. The surface is treated with a **Blue Anodized** finish. This coating is not just for aesthetics; it provides: * Corrosion resistance. * Increased surface emissivity (improving radiant heat transfer). * Electrical insulation (to prevent short-circuits if the sink touches nearby components). #### B. Mounting Hardware (Push-Pin & Spring) The "R0" designation refers to the mounting assembly. * **Plastic Push-Pins:** These provide a secure, standardized method of attachment to the PCB. * **Compression Springs:** These apply a precise amount of downward pressure (clamping force) on the electronic chip to ensure maximum contact with the thermal interface material. #### C. Thermal Interface Material (TIM) The base of the ATS-01A-82-C2-R0 typically comes pre-applied with a thermal pad or phase-change material. This fills the microscopic air gaps between the chip surface and the heat sink base, significantly reducing **Contact Resistance**. --- ### 3. Application Use Cases This specific heat sink is categorized as a "board-level" component. It is commonly found in: * **Networking Equipment:** Routers, switches, and base stations. * **Embedded Systems:** Industrial PCs and IoT gateways. * **Power Supplies:** Cooling voltage regulators or MOSFETs. ### 4. Part Number Decoder Understanding the "ATS" nomenclature: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **01A:** Series designation. * **82:** Specific model/fin configuration. * **C2:** Material/Finish code (typically Aluminum/Blue Anodized). * **R0:** Packaging/Revision code. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance value (Celsius/Watt) for the ATS-01A-82-C2-R0?
    • ⤷ What is the recommended PCB hole pattern for this push-pin heat sink?
    • ⤷ Can this heat sink be used with a fan for active cooling?