công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-01A-39-C2-R0

  • AI
    The **ATS-01A-39-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "superGRIP" series manufactured by **Advanced Thermal Solutions (ATS)**. --- ## Technical Specifications The following table outlines the key physical and thermal characteristics of this component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-01A-39-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | superGRIP (Clip-on) | | **Thermal Resistance** | ~3.60 °C/W (at 200 LFM) | | **Dimensions (L x W x H)** | 40mm x 40mm x 12.7mm | | **Fin Style** | Straight Fin | --- ## Detailed Component Breakdown ### 1. Thermal Management (Heat Sink) The primary function of this part is to dissipate heat from electronic integrated circuits (ICs), such as CPUs, GPUs, or FPGAs. The **Straight Fin** design allows for efficient airflow in a single direction, making it ideal for systems with dedicated cooling fans. ### 2. Attachment Mechanism: superGRIP™ Unlike heat sinks that require permanent thermal adhesive or drilling into the PCB, the "C2" designation refers to the **superGRIP** attachment: * **Clip System:** It uses a high-tension spring clip and a plastic frame that "grips" the edges of the component. * **Reliability:** It provides consistent pressure, improving thermal interface material (TIM) performance without risking damage to the silicon die. ### 3. Material and Coating * **Aluminum:** Chosen for its high thermal conductivity-to-weight ratio. * **Blue Anodizing:** This is not just aesthetic; the anodized layer increases the surface emissivity (improving radiation heat transfer) and provides electrical insulation and corrosion resistance. --- ## Application and Use Cases * **Network Equipment:** Used in routers and switches where components are packed densely. * **Power Supplies:** Cooling voltage regulators and power transistors. * **Embedded Systems:** For industrial computers requiring passive or active cooling in a compact form factor.
    ✨ Follow-up Questions
    • ⤷ What are the compatible thermal interface materials for this heat sink?
    • ⤷ How does the superGRIP attachment compare to push-pin mounting?
    • ⤷ Can this heat sink be used for passive cooling without a fan?